Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name    
    Description 
Shortcut : 74LVTH162374GX(2)  

74LVTH162374GX - Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25§Ù Series Resistors in the Outputs - Fairchild Semiconductor

Click Here View 74LVTH162374GX Datasheet

Part No.

74LVTH162374GX

Description

Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25§Ù Series Resistors in the Outputs

Download

74LVTH162374GX Click here to View

File Size

98.76 Kbytes / 8 Pages

Maker

FAIRCHILD [Fairchild Semiconductor]

Homepage

http://www.fairchildsemi.com/


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25§Ù Series Resistors in the Outputs Preliminary Fairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs Fairchild Semiconductor
74ALVCH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26§Ù Series Resistors in Outputs Fairchild Semiconductor
74VCX162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26¥Ø Series Resistors in Outputs Fairchild Semiconductor
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs Fairchild Semiconductor
74LCXH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26§Ù Series Resistors in Outputs Fairchild Semiconductor
74ALVC162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26§Ù Series Resistors in Outputs Fairchild Semiconductor
74LVTH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs Fairchild Semiconductor
74LCX162374Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26§Ù Series Resistors Fairchild Semiconductor
74VCXH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26¥Ø Series Resistors in Outputs Fairchild Semiconductor

Link URL :
Related keyword
  74LVTH162374GX Datasheet   74LVTH162374GX Cross Reference   74LVTH162374GX Schematic   74LVTH162374GX Distributor   74LVTH162374GX Datenblatt   74LVTH162374GX RoHS
  74LVTH162374GX Equivalent   74LVTH162374GX Application Notes   74LVTH162374GX Data Sheet   74LVTH162374GX components   74LVTH162374GX Fiche Technique   74LVTH162374GX Circuit


All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer