Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX74M Datasheet (PDF) - Fairchild Semiconductor

74LVX74M Datasheet PDF - Fairchild Semiconductor
Part # 74LVX74M
Download  74LVX74M Download

File Size   70.61 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop

74LVX74M Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX74M Datasheet PDF - Fairchild Semiconductor

Part # 74LVX74M
Download  74LVX74M Click to download

File Size   70.61 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop

74LVX74M Datasheet (HTML) - Fairchild Semiconductor

74LVX74M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX74M Datasheet HTML 6Page - Fairchild Semiconductor

74LVX74M Product details

General Description
The LVX74 is a dual D-type flip-flop with Asynchronous Clear and Set inputs and complementary (Q, Q) outputs. Information at the input is transferred to the outputs on the positive edge of the clock pulse. After the Clock Pulse input threshold voltage has been passed, the Data input is locked out and information present will not be transferred to the outputs until the next rising edge of the Clock Pulse input.

Features
■ Input voltage level translation from 5V to 3V
■ Ideal for low power/low noise 3.3V applications
■ Guaranteed simultaneous switching noise level and dynamic threshold performance




Similar Part No. - 74LVX74M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74M FAIRCHILD-74LVX74M Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74M ONSEMI-74LVX74M Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTC FAIRCHILD-74LVX74MTC Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74MTC ONSEMI-74LVX74MTC Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTCX FAIRCHILD-74LVX74MTCX Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Similar Description - 74LVX74M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com