Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX00 Datasheet (PDF) - Fairchild Semiconductor

74VCX00 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX00
Download  74VCX00 Download

File Size   63.4 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs

74VCX00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX00 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX00
Download  74VCX00 Click to download

File Size   63.4 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs

74VCX00 Datasheet (HTML) - Fairchild Semiconductor

74VCX00 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX00 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX00 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX00 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX00 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX00 Datasheet HTML 6Page - Fairchild Semiconductor

74VCX00 Product details

General Description
The VCX00 contains four 2-input NAND gates. This product is designed for low voltage (1.2V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The VCX00 is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation.
   
Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
    2.8 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
    ±24 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction
    circuitry
■ Latchup performance exceeds JEDEC 78 conditions
■ ESD performance:
    Human body model > 2000V
    Machine model > 250V
■ Leadless Pb-Free DQFN package
   




Similar Part No. - 74VCX00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX00 ONSEMI-74VCX00 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74VCX00BQX FAIRCHILD-74VCX00BQX Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX00BQX ONSEMI-74VCX00BQX Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74VCX00M FAIRCHILD-74VCX00M Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74VCX00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC132 FAIRCHILD-74ALVC132 Datasheet
94Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132_05 Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38_05 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74VCX38 FAIRCHILD-74VCX38 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
74ALVC38 FAIRCHILD-74ALVC38 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com