Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX08M Datasheet (PDF) - Fairchild Semiconductor

74VCX08M Datasheet PDF - Fairchild Semiconductor
Part # 74VCX08M
Download  74VCX08M Download

File Size   63.3 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs

74VCX08M Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX08M Datasheet PDF - Fairchild Semiconductor

Part # 74VCX08M
Download  74VCX08M Click to download

File Size   63.3 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs

74VCX08M Datasheet (HTML) - Fairchild Semiconductor

74VCX08M Datasheet HTML 1Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 6Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 7Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 8Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 9Page - Fairchild Semiconductor 74VCX08M Datasheet HTML 10Page - Fairchild Semiconductor

74VCX08M Product details

General Description
The VCX08 contains four 2-input AND gates. This product is designed for low voltage (1.2V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The VCX08 is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation.

Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
   2.8 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
   ±24 mA @ 3.0V VCC
■ Uses patented Quiet Series™ noise/EMI reduction
   circuitry
■ Latchup performance exceeds 300 mA
■ ESD performance:
   Human body model > 2000V
   Machine model > 250V
■ Leadless Pb-Free DQFN package




Similar Part No. - 74VCX08M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX08M ONSEMI-74VCX08M Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX08M ONSEMI-74VCX08M Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
74VCX08MTC ONSEMI-74VCX08MTC Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX08MTC ONSEMI-74VCX08MTC Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Fairchild Semiconductor
74VCX08MTC FAIRCHILD-74VCX08MTC_08 Datasheet
732Kb / 12P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74VCX08M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08_08 Datasheet
732Kb / 12P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX02FT TOSHIBA-TC74VCX02FT Datasheet
366Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NOT GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com