Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX162374 Datasheet (PDF) - Fairchild Semiconductor

74VCX162374 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX162374
Download  74VCX162374 Download

File Size   151.55 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs

74VCX162374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX162374 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX162374
Download  74VCX162374 Click to download

File Size   151.55 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs

74VCX162374 Datasheet (HTML) - Fairchild Semiconductor

74VCX162374 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162374 Datasheet HTML 7Page - Fairchild Semiconductor

74VCX162374 Product details

General Description
The VCX162374 contains sixteen non-inverting D-type flip-flops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and output enable (OE) are common to each byte and can be shorted together for full 16-bit operation.
The VCX162374 is also designed with 26: series resistors in the outputs. This design reduces line noise in applications such as memory address drivers, clock drivers and bus transceivers/transmitters.
The 74VCX162374 is designed for low voltage (1.4V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74VCX162374 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.

Features
■ 1.4V–3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ 26: series resistors in outputs
■ tPD (CLK to On)
   3.4 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Supports live insertion and withdrawal (Note 1)
■ Static Drive (IOH/IOL)
   ±12 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 300 mA
■ ESD performance:
   Human body model > 2000V
   Machine model > 200V




Similar Part No. - 74VCX162374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162374MTD FAIRCHILD-74VCX162374MTD Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results


Similar Description - 74VCX162374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCX162374 FAIRCHILD-74LCX162374 Datasheet
218Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26??Series Resistors
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com