Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX162838 Datasheet (PDF) - Fairchild Semiconductor

74VCX162838 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX162838
Download  74VCX162838 Download

File Size   77.16 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs

74VCX162838 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX162838 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX162838
Download  74VCX162838 Click to download

File Size   77.16 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs

74VCX162838 Datasheet (HTML) - Fairchild Semiconductor

74VCX162838 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 7Page - Fairchild Semiconductor

74VCX162838 Product details

General Description
The VCX162838 contains sixteen non-inverting selectable buffered or registered paths. The device can be configured to operate in a registered, or flow through buffer mode by utilizing the register enable (REGE) and Clock (CP) signals. The device operates in a 16-bit word wide mode. All outputs can be placed into 3-State through the use of the OE pin. These devices are ideally suited for buffered or registered 168 pin and 200 pin SDRAM DIMM memory modules.
The 74VCX162838 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O compatibility up to 3.6V. The VCX162838 is also designed with 26Ω series resistors in the outputs. This design reduces line noise in applications such as memory address drivers, clock drivers, and bus transceivers/transmitters.
The 74VCX162838 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.

Features
■ Compatible with PC100 and PC133 DIMM module specifications
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ 26Ω series resistors in the outputs
■ tPD (CP to On)
   3.9 ns max for 3.0V to 3.6V VCC
   5.4 ns max for 2.3V to 2.7V VCC
   9.8 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Supports live insertion and withdrawal (Note 1)
■ Static Drive (IOH/IOL)
   ±12 mA @ 3.0V VCC
   ±8 mA @ 2.3V VCC
   ±3 mA @ 1.65V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 300 mA
■ ESD performance:
   Human body model > 2000V
   Machine model > 200V




Similar Part No. - 74VCX162838

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835MTD FAIRCHILD-74VCX162835MTD Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results


Similar Description - 74VCX162838

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com