Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX16722MTD Datasheet (PDF) - Fairchild Semiconductor

74VCX16722MTD Datasheet PDF - Fairchild Semiconductor
Part # 74VCX16722MTD
Download  74VCX16722MTD Download

File Size   83.02 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs

74VCX16722MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX16722MTD Datasheet PDF - Fairchild Semiconductor

Part # 74VCX16722MTD
Download  74VCX16722MTD Click to download

File Size   83.02 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs

74VCX16722MTD Datasheet (HTML) - Fairchild Semiconductor

74VCX16722MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16722MTD Datasheet HTML 8Page - Fairchild Semiconductor

74VCX16722MTD Product details

General Description
The VCX16722 low voltage 22-bit register contains twentytwo non-inverting D-type flip-flops with 3-STATE outputs
and is intended for bus oriented applications. The design
has been optimized for use with JEDEC compliant 200 pin
DIMM modules.
   
Features
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD (CLK to On)
    3.6ns max for 3.0V to 3.6V VCC
    4.6ns max for 2.3V to 2.7V VCC
    9.2ns max for 1.65V to 1.95V VCC
■ Power-down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Meets JEDEC registered module specifications
■ Static Drive (IOH/IOL)
    ±24mA @ 3.0V
    ±18mA @ 2.3V
    ±6mA @ 1.65V
■ Latchup performance exceeds 300 mA
■ ESD performance:
    Human body model > 2000V
    Machine model >200V
   




Similar Part No. - 74VCX16722MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16722MTD FAIRCHILD-74VCX16722MTD Datasheet
108Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74VCX16722MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722_05 Datasheet
108Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16652FT TOSHIBA-TC74VCX16652FT Datasheet
492Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com