Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX16835GX Datasheet (PDF) - Fairchild Semiconductor

74VCX16835GX Datasheet PDF - Fairchild Semiconductor
Part # 74VCX16835GX
Download  74VCX16835GX Download

File Size   98.3 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs

74VCX16835GX Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX16835GX Datasheet PDF - Fairchild Semiconductor

Part # 74VCX16835GX
Download  74VCX16835GX Click to download

File Size   98.3 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs

74VCX16835GX Datasheet (HTML) - Fairchild Semiconductor

74VCX16835GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 9Page - Fairchild Semiconductor 74VCX16835GX Datasheet HTML 10Page - Fairchild Semiconductor

74VCX16835GX Product details

General Description
The VCX16835 low voltage 18-bit universal bus driver combines D-type latches and D-type flip-flops to allow data flow in transparent, latched and clocked modes.

Features
■ Compatible with PC100 DIMM module specifications
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD (CLK to On)
    4.2ns max for 3.0V to 3.6V VCC
    5.2ns max for 2.3V to 2.7V VCC
    9.2ns max for 1.65V to 1.95V VCC
■ Power-down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Static Drive (IOH/IOL)
    ±24mA @ 3.0V
    ±18mA @ 2.3V
    ±6mA @ 1.65V
■ Latchup performance exceeds 300 mA
■ ESD performance:
    Human body model > 2000V
    Machine model >200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)




Similar Part No. - 74VCX16835GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838MTD FAIRCHILD-74VCX16838MTD Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838MTD FAIRCHILD-74VCX16838MTD Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838MTDX FAIRCHILD-74VCX16838MTDX Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74VCX16835GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16835FT TOSHIBA-TC74VCX16835FT Datasheet
445Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16500FT TOSHIBA-TC74VCX16500FT Datasheet
419Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT Datasheet
420Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16600FT TOSHIBA-TC74VCX16600FT Datasheet
422Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com