Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX32500 Datasheet (PDF) - Fairchild Semiconductor

74VCX32500 Datasheet PDF - Fairchild Semiconductor
Part # 74VCX32500
Download  74VCX32500 Download

File Size   148.05 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs

74VCX32500 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX32500 Datasheet PDF - Fairchild Semiconductor

Part # 74VCX32500
Download  74VCX32500 Click to download

File Size   148.05 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs

74VCX32500 Datasheet (HTML) - Fairchild Semiconductor

74VCX32500 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX32500 Datasheet HTML 9Page - Fairchild Semiconductor

74VCX32500 Product details

General Description
The VCX32500 is an 36-bit universal bus transceiver which combines D-type latches and D-type flip-flops to allow data-flow in transparent, latched, and clocked modes.

Features
■ 1.4V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD (A to B, B to A)
   2.9 ns max for 3.0V to 3.6V VCC
■ Power-down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Static Drive (IOH/IOL)
  ±24 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latchup performance exceeds 300 mA
■ ESD performance:
   Human body model > 2000V
   Machine model >200V
■ Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74VCX32500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX32500G FAIRCHILD-74VCX32500G Datasheet
74Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
More results


Similar Description - 74VCX32500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com