Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH16240MTD Datasheet (PDF) - Fairchild Semiconductor

74VCXH16240MTD Datasheet PDF - Fairchild Semiconductor
Part # 74VCXH16240MTD
Download  74VCXH16240MTD Download

File Size   76.95 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold

74VCXH16240MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCXH16240MTD Datasheet PDF - Fairchild Semiconductor

Part # 74VCXH16240MTD
Download  74VCXH16240MTD Click to download

File Size   76.95 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold

74VCXH16240MTD Datasheet (HTML) - Fairchild Semiconductor

74VCXH16240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16240MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16240MTD Datasheet HTML 7Page - Fairchild Semiconductor

74VCXH16240MTD Product details

General Description
The VCXH16240 contains sixteen inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble (4-bit) controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation.
The VCXH16240 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating inputs at a valid logic level.
The 74VCXH16240 is designed for low voltage (1.65V to 3.6V) VCC applications with output capability up to 3.6V.
The 74VCXH16240 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.

Features
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant control inputs and outputs
■ Bushold on data inputs eliminates the need for external
   pull-up/pull-down resistors
■ tPD
   2.5 ns max for 3.0V to 3.6V VCC
   3.0 ns max for 2.3V to 2.7V VCC
   6.0 ns max for 1.65V to 1.95V VCC
■ Static Drive (IOH/IOL)
   ±24 mA @ 3.0V VCC
   ±18 mA @ 2.3V VCC
   ±6 mA @ 1.65V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 300 mA
■ ESD performance:
   000V
  




Similar Part No. - 74VCXH16240MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240DT ONSEMI-74VCXH16240DT Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240DTR ONSEMI-74VCXH16240DTR Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
More results


Similar Description - 74VCXH16240MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74LCX16240 ONSEMI-74LCX16240 Datasheet
213Kb / 10P
   Low Voltage 16-Bit Inverting Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com