Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH16373MTD Datasheet (PDF) - Fairchild Semiconductor

74VCXH16373MTD Datasheet PDF - Fairchild Semiconductor
Part # 74VCXH16373MTD
Download  74VCXH16373MTD Download

File Size   187.89 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with Bushold

74VCXH16373MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCXH16373MTD Datasheet PDF - Fairchild Semiconductor

Part # 74VCXH16373MTD
Download  74VCXH16373MTD Click to download

File Size   187.89 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with Bushold

74VCXH16373MTD Datasheet (HTML) - Fairchild Semiconductor

Back Button 74VCXH16373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 9Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74VCXH16373MTD Product details

General Description
The VCXH16373 contains sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear to be transparent to the data when the Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state.

Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant control inputs and outputs
■ Bushold on data inputs eliminates the need for external pull-up/pull-down resistors
■ tPD (In to On)
    3.0 ns max for 3.0V to 3.6V VCC
■ Static Drive (IOH/IOL)
    r24 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 300 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)




Similar Part No. - 74VCXH16373MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
ON Semiconductor
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTRG ONSEMI-74VCXH16373DTRG Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Similar Description - 74VCXH16373MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
Toshiba Semiconductor
TC74VCXH162373FT TOSHIBA-TC74VCXH162373FT Datasheet
221Kb / 13P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com