Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIG Datasheet (PDF) - Winbond

W25Q128FVCIG Datasheet PDF - Winbond
Part # W25Q128FVCIG
Download  W25Q128FVCIG Download

File Size   1377.64 Kbytes
Page   97 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q128FVCIG Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q128FVCIG Datasheet PDF - Winbond

Part # W25Q128FVCIG
Download  W25Q128FVCIG Click to download

File Size   1377.64 Kbytes
Page   97 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q128FVCIG Datasheet (HTML) - Winbond

Back Button W25Q128FVCIG Datasheet HTML 1Page - Winbond W25Q128FVCIG Datasheet HTML 2Page - Winbond W25Q128FVCIG Datasheet HTML 3Page - Winbond W25Q128FVCIG Datasheet HTML 4Page - Winbond W25Q128FVCIG Datasheet HTML 5Page - Winbond W25Q128FVCIG Datasheet HTML 6Page - Winbond W25Q128FVCIG Datasheet HTML 7Page - Winbond W25Q128FVCIG Datasheet HTML 8Page - Winbond W25Q128FVCIG Datasheet HTML 9Page - Winbond W25Q128FVCIG Datasheet HTML 10Page - Winbond Next Button 

W25Q128FVCIG Product details

GENERAL DESCRIPTIONS
The W25Q128FV (128M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single 2.7V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in space saving packages.
The W25Q128FV array is organized into 65,536 programmable pages of 256-bytes each. Up to 256 bytes can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128 (32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q128FV has 4,096 erasable sectors and 256 erasable blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data and parameter storage. (See Figure 2.)
A Hold pin, Write Protect pin and programmable write protection, with top or bottom array control, provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer and device ID and SFDP Register, a 64-bit Unique Serial Number and three 256-bytes Security Registers.

FEATURES
• New Family of SpiFlash Memories
   – W25Q128FV: 128M-bit / 16M-byte
   – Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
   – Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
   – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
   – QPI: CLK, /CS, IO0, IO1, IO2, IO3
   – Software & Hardware Reset
• Highest Performance Serial Flash
   – 104MHz Single, Dual/Quad SPI clocks
   – 208/416MHz equivalent Dual/Quad SPI
   – 50MB/S continuous data transfer rate
   – More than 100,000 erase/program cycles
   – More than 20-year data retention
• Efficient “Continuous Read” and QPI Mode
   – Continuous Read with 8/16/32/64-Byte Wrap
   – As few as 8 clocks to address memory
   – Quad Peripheral Interface (QPI) reduces instruction overhead
   – Allows true XIP (execute in place) operation
   – Outperforms X16 Parallel Flash
• Low Power, Wide Temperature Range
   – Single 2.7 to 3.6V supply
   – 4mA active current, <1µA Power-down (typ.)
   – -40°C to +85°C operating range
• Flexible Architecture with 4KB sectors
  – Uniform Sector/Block Erase (4K/32K/64K-Byte)
  – Program 1 to 256 byte per programmable page
  – Erase/Program Suspend & Resume
• Advanced Security Features
   – Software and Hardware Write-Protect
   – Power Supply Lock-Down and OTP protection
   – Top/Bottom, Complement array protection
   – Individual Block/Sector array protection
   – 64-Bit Unique ID for each device
   – Discoverable Parameters (SFDP) Register
   – 3X256-Bytes Security Registers with OTP locks
   – Volatile & Non-volatile Status Register Bits
• Space Efficient Packaging
   – 8-pin SOIC / VSOP 208-mil
   – 8-pin PDIP 300-mil
   – 8-pad WSON 6x5-mm / 8x6-mm
   – 16-pin SOIC 300-mil (additional /RESET pin)
   – 24-ball TFBGA 8x6-mm
   – Contact Winbond for KGD and other options




Similar Part No. - W25Q128FVCIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVCIG WINBOND-W25Q128FVCIG Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVCIG WINBOND-W25Q128FVCIG Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Similar Description - W25Q128FVCIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q256FV WINBOND-W25Q256FV Datasheet
2Mb / 109P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q257FVEIF-TR WINBOND-W25Q257FVEIF-TR Datasheet
1Mb / 104P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com