Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC245 Datasheet (PDF) - Fairchild Semiconductor

74VHC245 Datasheet PDF - Fairchild Semiconductor
Part # 74VHC245
Download  74VHC245 Download

File Size   98.29 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Bidirectional Transceiver with 3-STATE Outputs

74VHC245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC245 Datasheet PDF - Fairchild Semiconductor

Part # 74VHC245
Download  74VHC245 Click to download

File Size   98.29 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Bidirectional Transceiver with 3-STATE Outputs

74VHC245 Datasheet (HTML) - Fairchild Semiconductor

74VHC245 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 7Page - Fairchild Semiconductor

74VHC245 Product details

General Description
The VHC245 is an advanced high speed CMOS octal bus transceiver fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
   
Features
■ High Speed: tPD = 4.0 ns (typ) at VCC = 5V
■ High Noise Immunity: VNIH = VNIL = 28% VCC (Min)
■ Power Down Protection is provided on all inputs
■ Low Noise: VOLP = 0.9V (typ)
■ Low Power Dissipation:
    ICC = 4 μA (Max) @ TA 25°C
■ Pin and Function Compatible with 74HC245
   




Similar Part No. - 74VHC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC245 STMICROELECTRONICS-74VHC245 Datasheet
66Kb / 8P
   OCTAL BUS TRANSCEIVER 3-STATE
June 1999
74VHC245 STMICROELECTRONICS-74VHC245 Datasheet
308Kb / 12P
   OCTAL BUS TRANSCEIVER (3-STATE)
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Nexperia B.V. All right...
74VHC245 NEXPERIA-74VHC245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74VHC245BQ NEXPERIA-74VHC245BQ Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results


Similar Description - 74VHC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com