Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC86 Datasheet (PDF) - Fairchild Semiconductor

74VHC86 Datasheet PDF - Fairchild Semiconductor
Part # 74VHC86
Download  74VHC86 Download

File Size   75.97 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input Exclusive-OR Gate

74VHC86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC86 Datasheet PDF - Fairchild Semiconductor

Part # 74VHC86
Download  74VHC86 Click to download

File Size   75.97 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input Exclusive-OR Gate

74VHC86 Datasheet (HTML) - Fairchild Semiconductor

74VHC86 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC86 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC86 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC86 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC86 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC86 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC86 Datasheet HTML 7Page - Fairchild Semiconductor

74VHC86 Product details

General Description
The VHC86 is an advanced high speed CMOS Quad Exclusive OR Gate fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
An input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and on two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.

Features
■ High Speed: tPD = 4.8 ns (typ) at VCC = 5V
■ Low Power Dissipation: ICC = 2 µA (Max.) @ TA = 25°C
■ High Noise Immunity: VNIH = VNIL = 28% VCC (Min.)
■ Power down protection is provided on all inputs
■ Low Noise: VOLP = 0.8V (Max.)
■ Pin and Function Compatible with 74HC86




Similar Part No. - 74VHC86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC86 STMICROELECTRONICS-74VHC86 Datasheet
71Kb / 8P
   QUAD EXCLUSIVE OR GATE
74VHC86 STMICROELECTRONICS-74VHC86 Datasheet
230Kb / 11P
   QUAD EXCLUSIVE OR GATE
logo
ON Semiconductor
74VHC86 ONSEMI-74VHC86 Datasheet
222Kb / 9P
   Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Toshiba Semiconductor
74VHC86FT TOSHIBA-74VHC86FT Datasheet
149Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHC86M STMICROELECTRONICS-74VHC86M Datasheet
71Kb / 8P
   QUAD EXCLUSIVE OR GATE
More results


Similar Description - 74VHC86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com