Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT14AM Datasheet (PDF) - Fairchild Semiconductor

74VHCT14AM Datasheet PDF - Fairchild Semiconductor
Part # 74VHCT14AM
Download  74VHCT14AM Download

File Size   102.57 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Schmitt Inverter

74VHCT14AM Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT14AM Datasheet PDF - Fairchild Semiconductor

Part # 74VHCT14AM
Download  74VHCT14AM Click to download

File Size   102.57 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Schmitt Inverter

74VHCT14AM Datasheet (HTML) - Fairchild Semiconductor

74VHCT14AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT14AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT14AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT14AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT14AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT14AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT14AM Datasheet HTML 7Page - Fairchild Semiconductor

74VHCT14AM Product details

General Description

The VHCT14A is an advanced high speed CMOS Hex Schmitt Inverter fabricated with silicon gate CMOS technology. The VHCT14A contains six independent inverters which are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. Protection circuits ensure that 0V to 7V can be applied to the input pins without regard to the supply voltage and to the output pins with VCC   0V. These circuits prevent device destruction due to mismatched supply and input/output voltages. This device can be used to interface 3V to

5V systems and two supply systems such as battery backup.



Features

■High speed: tPD  5.0 ns (typ) at TA  25qC

■High noise immunity: VIH  2.0V, VIL  0.8V

■Power down protection is provided on all inputs and outputs

■Low noise: VOLP  1.0V (max)

■Low power dissipation:

   ICC  2 PA (max) @ TA  25qC

■Pin and function compatible with 74HCT14




Similar Part No. - 74VHCT14AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT14AM STMICROELECTRONICS-74VHCT14AM Datasheet
53Kb / 7P
   HEX SCHMITT INVERTER
logo
ON Semiconductor
74VHCT14AM ONSEMI-74VHCT14AM Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
74VHCT14AMTC ONSEMI-74VHCT14AMTC Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
STMicroelectronics
74VHCT14AMTR STMICROELECTRONICS-74VHCT14AMTR Datasheet
240Kb / 15P
   HEX SCHMITT inverter
More results


Similar Description - 74VHCT14AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com