Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT574ASJ Datasheet (PDF) - Fairchild Semiconductor

74VHCT574ASJ Datasheet PDF - Fairchild Semiconductor
Part # 74VHCT574ASJ
Download  74VHCT574ASJ Download

File Size   105.73 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Flip-Flop with 3-STATE Outputs

74VHCT574ASJ Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT574ASJ Datasheet PDF - Fairchild Semiconductor

Part # 74VHCT574ASJ
Download  74VHCT574ASJ Click to download

File Size   105.73 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Flip-Flop with 3-STATE Outputs

74VHCT574ASJ Datasheet (HTML) - Fairchild Semiconductor

74VHCT574ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT574ASJ Datasheet HTML 8Page - Fairchild Semiconductor

74VHCT574ASJ Product details

General Description
The VHCT574A is an advanced high speed CMOS octal flip-flop with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintain ing the CMOS low power dissipation. This 8-bit D-type flip flop is controlled by a clock input (CP) and an Output Enable input (OE). When the OE input is HIGH, the eight outputs are in a high impedance state.

Features
■ High speed: fMAX 140 MHz (typ) at TA 25qC
■ Power Down Protection is provided on all inputs and outputs.
■ Low Noise: VOLP 1.6V (max)
■ Low Power Dissipation: ICC 4 PA (max) @ TA 25qC
■ Pin and Function Compatible with 74HCT574




Similar Part No. - 74VHCT574ASJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHCT574ASJ ONSEMI-74VHCT574ASJ Datasheet
213Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
Revised April 2005
More results


Similar Description - 74VHCT574ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com