Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9403A Datasheet (PDF) - Fairchild Semiconductor

9403A Datasheet PDF - Fairchild Semiconductor
Part # 9403A
Download  9403A Download

File Size   156.58 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description First-In First-Out (FIFO) Buffer Memory

9403A Datasheet (PDF)

Go To PDF Page Download Datasheet
9403A Datasheet PDF - Fairchild Semiconductor

Part # 9403A
Download  9403A Click to download

File Size   156.58 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description First-In First-Out (FIFO) Buffer Memory

9403A Datasheet (HTML) - Fairchild Semiconductor

Back Button 9403A Datasheet HTML 1Page - Fairchild Semiconductor 9403A Datasheet HTML 2Page - Fairchild Semiconductor 9403A Datasheet HTML 3Page - Fairchild Semiconductor 9403A Datasheet HTML 4Page - Fairchild Semiconductor 9403A Datasheet HTML 5Page - Fairchild Semiconductor 9403A Datasheet HTML 6Page - Fairchild Semiconductor 9403A Datasheet HTML 7Page - Fairchild Semiconductor 9403A Datasheet HTML 8Page - Fairchild Semiconductor 9403A Datasheet HTML 9Page - Fairchild Semiconductor 9403A Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

9403A Product details

General Description

The 9403A is an expandable fall-through type high-speed First-In First-Out (FIFO) Buffer Memory optimized for high speed disk or tape controllers and communication buffer applications. It is organized as 16-words by 4-bits and may be expanded to any number of words or any number of bits in multiples of four. Data may be entered or extracted asynchronously in serial or parallel, allowing economical implementation of buffer memories.

The 9403A has 3-STATE outputs which provide added versatility and is fully compatible with all TTL families.



Features

■ Serial or parallel input

■ Serial or parallel output

■ Expandable without external logic

■ 3-STATE outputs

■ Fully compatible with all TTL families

■ Slim 24-pin package



 




Similar Part No. - 9403A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9403 3M-9403 Datasheet
1Mb / 3P
   Sample Development Design Kits for High Speed Cabling and Connectors
logo
KISTLER INSTRUMENT CORP...
9403 KISTLER-9403 Datasheet
1,015Kb / 5P
   Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
logo
Keystone Electronics Co...
9403 KEYSTONE-9403 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9403 HEYCO-9403 Datasheet
113Kb / 1P
   Wire Protector Terminal Blocks
logo
Molex Electronics Ltd.
94030-3891 MOLEX11-94030-3891 Datasheet
86Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
More results


Similar Description - 9403A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com