Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1101VMT8X Datasheet (PDF) - Fairchild Semiconductor

ACE1101VMT8X Datasheet PDF - Fairchild Semiconductor
Part # ACE1101VMT8X
Download  ACE1101VMT8X Download

File Size   152.48 Kbytes
Page   33 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Arithmetic Controller Engine (ACEx?? for Low Power Applications

ACE1101VMT8X Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE1101VMT8X Datasheet PDF - Fairchild Semiconductor

Part # ACE1101VMT8X
Download  ACE1101VMT8X Click to download

File Size   152.48 Kbytes
Page   33 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Arithmetic Controller Engine (ACEx?? for Low Power Applications

ACE1101VMT8X Datasheet (HTML) - Fairchild Semiconductor

Back Button ACE1101VMT8X Datasheet HTML 1Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 9Page - Fairchild Semiconductor ACE1101VMT8X Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ACE1101VMT8X Product details

General Description
The ACE1101 (Arithmetic Controller Engine) is a dedicated programmable monolithic integrated circuit for applications requiring high performance, low power, and small size. It is a fully static part fabricated using CMOS technology.
The ACE1101 has an 8-bit microcontroller core, 64 bytes of RAM, 64 bytes of data EEPROM and 1K bytes of code EEPROM. Its on chip peripherals include a multi-function 16-bit timer, watchdog/idle timer, and programmable undervoltage detection circuitry. On-chip clock and reset functions reduce the number of required external components. The ACE1101 is available in an 8-pin TSSOP package.

Features
■ Arithmetic Controller Engine
■ 1K bytes on-board code EEPROM
■ 64 bytes data EEPROM
■ 64 bytes RAM
■ Watchdog
■ Multi-input wake-up all I/O pins
■ 16-bit multifunction timer
■ On-chip oscillator
   — No external components
   — 1µs instruction cycle time
■ Instruction set geared for block encryption
■ On-chip power on reset
■ Programmable read and write disable functions
■ Memory mapped I/O
■ Multilevel Low Voltage Detection
■ Fully static CMOS
   — Low power HALT mode (100nA @3.3V)
   — Power saving IDLE mode
   — Single supply operation (2.0-5.5V, 2.2-5.5V, 2.7-5.5V))
■ Software selectable I/O options
   — Push-pull outputs with tri-state option
   — Weak pull-up or high impedance inputs
■ 40 years data retention
■ 1,000,000 data changes
■ 8-pin TSSOP package
■ In-circuit programming




Similar Part No. - ACE1101VMT8X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results


Similar Description - ACE1101VMT8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com