Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SC3356LT1G Datasheet (PDF) - Leshan Radio Company

L2SC3356LT1G Datasheet PDF - Leshan Radio Company
Part # L2SC3356LT1G
Download  L2SC3356LT1G Download

File Size   122.86 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High-Frequency Amplifier Transistor

L2SC3356LT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
L2SC3356LT1G Datasheet PDF - Leshan Radio Company

Part # L2SC3356LT1G
Download  L2SC3356LT1G Click to download

File Size   122.86 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description High-Frequency Amplifier Transistor

L2SC3356LT1G Datasheet (HTML) - Leshan Radio Company

L2SC3356LT1G Datasheet HTML 1Page - Leshan Radio Company L2SC3356LT1G Datasheet HTML 2Page - Leshan Radio Company L2SC3356LT1G Datasheet HTML 3Page - Leshan Radio Company L2SC3356LT1G Datasheet HTML 4Page - Leshan Radio Company

L2SC3356LT1G Product details

DESCRIPTION
The L2SC3356LT1 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band.
It has dynamic range and good current characteristic.
S- Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.

FEATURES
• We declare that the material of product compliance with RoHS requirements.
• Low Noise and High Gain
   NF = 1.1 dB TYP., Ga = 11 dB TYP. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
• High Power Gain
   MAG = 13 dB TYP. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz




Similar Part No. - L2SC3356LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC3356LT1G LRC-L2SC3356LT1G_15 Datasheet
145Kb / 4P
   High Frequency Amplifier Transistor
More results


Similar Description - L2SC3356LT1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
   High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
   High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
   High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
   High-frequency Amplifier Transistor
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4226QT1 LRC-L2SC4226QT1 Datasheet
151Kb / 5P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
   High-Frequency Amplifier Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com