Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4010C Datasheet (PDF) - Fairchild Semiconductor

CD4010C Datasheet PDF - Fairchild Semiconductor
Part # CD4010C
Download  CD4010C Download

File Size   53.64 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Buffers (Non-Inverting)

CD4010C Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4010C Datasheet PDF - Fairchild Semiconductor

Part # CD4010C
Download  CD4010C Click to download

File Size   53.64 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Buffers (Non-Inverting)

CD4010C Datasheet (HTML) - Fairchild Semiconductor

CD4010C Datasheet HTML 1Page - Fairchild Semiconductor CD4010C Datasheet HTML 2Page - Fairchild Semiconductor CD4010C Datasheet HTML 3Page - Fairchild Semiconductor CD4010C Datasheet HTML 4Page - Fairchild Semiconductor CD4010C Datasheet HTML 5Page - Fairchild Semiconductor

CD4010C Product details

General Description

The CD4010C hex buffers are monolithic complementary MOS (CMOS) integrated circuits. The N- and P-channel enhancement mode transistors provide a symmetrical circuit with output swings essentially equal to the supply voltage. This results in high noise immunity over a wide supply voltage range. No DC power other than that caused by leakage current is consumed during static conditions. All inputs are protected against static discharge. These gates may be used as hex buffers, CMOS to DTL or TTL interface or as CMOS current drivers. Conversion ranges are from 3V to 15V providing VCC ≤ VDD. The devices also have buffered outputs which improve transfer characteristics by providing very high gain.



Features

■ Wide supply voltage range: 3.0V to 15V

■ Low power: 100 nW (typ.)

■ High noise immunity: 0.45 VDD (typ.)

■ High current sinking: 8 mA (min.) at VO = 0.5V capability: and VDD = 10V



Applications

• Automotive

• Data terminals

• Instrumentation

• Medical electronics

• Alarm system

• Industrial controls

• Remote metering

• Computers



 




Similar Part No. - CD4010C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4010C NSC-CD4010C Datasheet
87Kb / 3P
   Hex Buffers
CD4010C NSC-CD4010C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
More results


Similar Description - CD4010C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B_15 Datasheet
140Kb / 12P
   Hex non-inverting buffers
Rev. 8-18 November 2011
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
logo
NXP Semiconductors
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com