Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4046BC Datasheet (PDF) - Fairchild Semiconductor

CD4046BC Datasheet PDF - Fairchild Semiconductor
Part # CD4046BC
Download  CD4046BC Download

File Size   185.99 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Micropower Phase-Locked Loop

CD4046BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4046BC Datasheet PDF - Fairchild Semiconductor

Part # CD4046BC
Download  CD4046BC Click to download

File Size   185.99 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Micropower Phase-Locked Loop

CD4046BC Datasheet (HTML) - Fairchild Semiconductor

Back Button CD4046BC Datasheet HTML 1Page - Fairchild Semiconductor CD4046BC Datasheet HTML 2Page - Fairchild Semiconductor CD4046BC Datasheet HTML 3Page - Fairchild Semiconductor CD4046BC Datasheet HTML 4Page - Fairchild Semiconductor CD4046BC Datasheet HTML 5Page - Fairchild Semiconductor CD4046BC Datasheet HTML 6Page - Fairchild Semiconductor CD4046BC Datasheet HTML 7Page - Fairchild Semiconductor CD4046BC Datasheet HTML 8Page - Fairchild Semiconductor CD4046BC Datasheet HTML 9Page - Fairchild Semiconductor CD4046BC Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

CD4046BC Product details

General Description

The CD4046BC micropower phase-locked loop (PLL) con sists of a low power, linear, voltage-controlled oscillator (VCO), a source follower, a zener diode, and two phase comparators. The two phase comparators have a common signal input and a common comparator input. The signal input can be directly coupled for a large voltage signal, or capacitively coupled to the self-biasing amplifier at the signal input for a small voltage signal.



Features

■ Wide supply voltage range: 3.0V to 18V

■ Low dynamic power consumption: 70 µW (typ.) at fo = 10 kHz, VDD = 5V

■ VCO frequency: 1.3 MHz (typ.) at VDD = 10V

■ Low frequency drift: 0.06%/°C at VDD = 10V with temperature

■ High VCO linearity: 1% (typ.)



Applications

• FM demodulator and modulator

• Frequency synthesis and multiplication

• Frequency discrimination

• Data synchronization and conditioning

• Voltage-to-frequency conversion

• Tone decoding

• FSK modulation

• Motor speed control




Similar Part No. - CD4046BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
More results


Similar Description - CD4046BC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com