Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066BC Datasheet (PDF) - Fairchild Semiconductor

CD4066BC Datasheet PDF - Fairchild Semiconductor
Part # CD4066BC
Download  CD4066BC Download

File Size   111.83 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bilateral Switch

CD4066BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4066BC Datasheet PDF - Fairchild Semiconductor

Part # CD4066BC
Download  CD4066BC Click to download

File Size   111.83 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bilateral Switch

CD4066BC Datasheet (HTML) - Fairchild Semiconductor

CD4066BC Datasheet HTML 1Page - Fairchild Semiconductor CD4066BC Datasheet HTML 2Page - Fairchild Semiconductor CD4066BC Datasheet HTML 3Page - Fairchild Semiconductor CD4066BC Datasheet HTML 4Page - Fairchild Semiconductor CD4066BC Datasheet HTML 5Page - Fairchild Semiconductor CD4066BC Datasheet HTML 6Page - Fairchild Semiconductor CD4066BC Datasheet HTML 7Page - Fairchild Semiconductor CD4066BC Datasheet HTML 8Page - Fairchild Semiconductor CD4066BC Datasheet HTML 9Page - Fairchild Semiconductor

CD4066BC Product details

General Description
The CD4066BC is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin-for-pin compatible with CD4016BC, but has a much lower “ON” resistance, and “ON” resistance is relatively constant over the input-signal range.

Features
■ Wide supply voltage range 3V to 15V
■ High noise immunity 0.45 VDD (typ.)
■ Wide range of digital and ±7.5 VPEAK analog switching
■ “ON” resistance for 15V operation 80Ω
■ Matched “ON” resistance ∆RON = 5Ω (typ.) over 15V signal input
■ “ON” resistance flat over peak-to-peak signal range
■ High “ON”/“OFF” 65 dB (typ.) output voltage ratio @ fis = 10 kHz, RL = 10 kΩ
■ High degree linearity 0.1% distortion (typ.)
   High degree linearity @ fis = 1 kHz, Vis = 5Vp-p,
   High degree linearity VDD−VSS = 10V, RL = 10 kΩ
■ Extremely low “OFF” 0.1 nA (typ.) switch leakage: @ VDD−VSS = 10V, TA = 25°C
■ Extremely high control input impedance 1012Ω(typ.)
■ Low crosstalk −50 dB (typ.) between switches @ fis = 0.9 MHz, RL = 1 kΩ
■ Frequency response, switch “ON” 40 MHz (typ.)

Applications
• Analog signal switching/multiplexing
   • Signal gating
   • Squelch control
   • Chopper
   • Modulator/Demodulator
   • Commutating switch
• Digital signal switching/multiplexing
• CMOS logic implementation
• Analog-to-digital/digital-to-analog conversion
• Digital control of frequency, impedance, phase, and analog-signal-gain




Similar Part No. - CD4066BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4066BC NSC-CD4066BC Datasheet
169Kb / 8P
   Quad Bilateral Switch
CD4066BCJ NSC-CD4066BCJ Datasheet
169Kb / 8P
   Quad Bilateral Switch
CD4066BCM NSC-CD4066BCM Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
Fairchild Semiconductor
CD4066BCM FAIRCHILD-CD4066BCM Datasheet
114Kb / 9P
   Quad Bilateral Switch
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
114Kb / 9P
   Quad Bilateral Switch
More results


Similar Description - CD4066BC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com