Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4071 Datasheet (PDF) - Fairchild Semiconductor

CD4071 Datasheet PDF - Fairchild Semiconductor
Part # CD4071
Download  CD4071 Download

File Size   96.73 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate

CD4071 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4071 Datasheet PDF - Fairchild Semiconductor

Part # CD4071
Download  CD4071 Click to download

File Size   96.73 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate

CD4071 Datasheet (HTML) - Fairchild Semiconductor

CD4071 Datasheet HTML 1Page - Fairchild Semiconductor CD4071 Datasheet HTML 2Page - Fairchild Semiconductor CD4071 Datasheet HTML 3Page - Fairchild Semiconductor CD4071 Datasheet HTML 4Page - Fairchild Semiconductor CD4071 Datasheet HTML 5Page - Fairchild Semiconductor CD4071 Datasheet HTML 6Page - Fairchild Semiconductor CD4071 Datasheet HTML 7Page - Fairchild Semiconductor

CD4071 Product details

General Description
The CD4071BC and CD4081BC quad gates are monolithic complementary MOS (CMOS) integrated circuits constructed with N- and P-channel enhancement mode transistors. They have equal source and sink current capabilities and conform to standard B series output drive. The devices also have buffered outputs which improve transfer characteristics by providing very high gain.
All inputs protected against static discharge with diodes to VDD and VSS.

Features
■ Low power TTL compatibility: Fan out of 2 driving 74L or 1 driving 74LS
■ 5V–10V–15V parametric ratings
■ Symmetrical output characteristics
■ Maximum input leakage 1 µA at 15V over full temperature range




Similar Part No. - CD4071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071 NSC-CD4071 Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Texas Instruments
CD4071 TI-CD4071 Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
logo
Intersil Corporation
CD4071 INTERSIL-CD4071 Datasheet
114Kb / 10P
   CMOS OR Gate
December 1992
logo
List of Unclassifed Man...
CD4071 ETC2-CD4071 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4071B TI-CD4071B Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
More results


Similar Description - CD4071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B Datasheet
162Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B_15 Datasheet
169Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
logo
National Semiconductor ...
CD4071BM NSC-CD4071BM Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
   Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Unisonic Technologies
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com