Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BCWM Datasheet (PDF) - Fairchild Semiconductor

CD4515BCWM Datasheet PDF - Fairchild Semiconductor
Part # CD4515BCWM
Download  CD4515BCWM Download

File Size   84.97 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Bit Latched/4-to-16 Line Decoders

CD4515BCWM Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4515BCWM Datasheet PDF - Fairchild Semiconductor

Part # CD4515BCWM
Download  CD4515BCWM Click to download

File Size   84.97 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Bit Latched/4-to-16 Line Decoders

CD4515BCWM Datasheet (HTML) - Fairchild Semiconductor

CD4515BCWM Datasheet HTML 1Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 2Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 3Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 4Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 5Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 6Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 7Page - Fairchild Semiconductor CD4515BCWM Datasheet HTML 8Page - Fairchild Semiconductor

CD4515BCWM Product details

General Description

The CD4514BC and CD4515BC are 4-to-16 line decoders with latched inputs implemented with complementary MOS (CMOS) circuits constructed with N- and P-channel enhancement mode transistors. These circuits are prima rily used in decoding applications where low power dissipa tion and/or high noise immunity is required. The CD4514BC (output active high option) presents a logical “1” at the selected output, whereas the CD4515BC presents a logical “0” at the selected output. The input latches are R–S type flip-flops, which hold the last input data pre sented prior to the strobe transition from “1” to “0”. This input data is decoded and the corresponding output is activated. An output inhibit line is also available.



Features

■ Wide supply voltage range: 3.0V to 15V

■ High noise immunity: 0.45 VDD (typ.)

■ Low power TTL: fan out of 2 compatibility: driving 74L

■ Low quiescent power dissipation: 0.025 µW/package @ 5.0 VDC

■ Single supply operation

■ Input impedance = 1012Ω typically

■ Plug-in replacement for MC14514, MC14515




Similar Part No. - CD4515BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4515BCWM FAIRCHILD-CD4515BCWM Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
More results


Similar Description - CD4515BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com