Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM280A-E Datasheet (PDF) - Leshan Radio Company

SM280A-E Datasheet PDF - Leshan Radio Company
Part # SM280A-E
Download  SM280A-E Download

File Size   186.76 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A

SM280A-E Datasheet (PDF)

Go To PDF Page Download Datasheet
SM280A-E Datasheet PDF - Leshan Radio Company

Part # SM280A-E
Download  SM280A-E Click to download

File Size   186.76 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A

SM280A-E Datasheet (HTML) - Leshan Radio Company

SM280A-E Datasheet HTML 1Page - Leshan Radio Company SM280A-E Datasheet HTML 2Page - Leshan Radio Company SM280A-E Datasheet HTML 3Page - Leshan Radio Company SM280A-E Datasheet HTML 4Page - Leshan Radio Company SM280A-E Datasheet HTML 5Page - Leshan Radio Company SM280A-E Datasheet HTML 6Page - Leshan Radio Company SM280A-E Datasheet HTML 7Page - Leshan Radio Company SM280A-E Datasheet HTML 8Page - Leshan Radio Company SM280A-E Datasheet HTML 9Page - Leshan Radio Company

SM280A-E Product details

Reverse Voltage 20 to 100V  Forward Current 2.0A



FEATURES

*  Plastic package has Underwriters Laboratory

Flammability Classification 94V-0

*  Low power loss,high efficiency

*  For use in low voltage highfrequency inverters,

free wheeling,and polarity protection applications

*  Guardringfor over voltage protection

*  Hightemperature soldering guaranteed:

260°C/10 seconds at terminals

*  IEC61000-4-2 ESD Air  Contact≥±15KV




Similar Part No. - SM280A-E

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM280A UNIOHM-SM280A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM280A TAYCHIPST-SM280A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM280A LRC-SM280A Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V
logo
AiT Semiconductor Inc.
SM280A AITSEMI-SM280A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
SM280AF AITSEMI-SM280AF Datasheet
312Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
More results


Similar Description - SM280A-E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com