Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM540B Datasheet (PDF) - Leshan Radio Company

SM540B Datasheet PDF - Leshan Radio Company
Part # SM540B
Download  SM540B Download

File Size   172.02 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A

SM540B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM540B Datasheet PDF - Leshan Radio Company

Part # SM540B
Download  SM540B Click to download

File Size   172.02 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A

SM540B Datasheet (HTML) - Leshan Radio Company

SM540B Datasheet HTML 1Page - Leshan Radio Company SM540B Datasheet HTML 2Page - Leshan Radio Company SM540B Datasheet HTML 3Page - Leshan Radio Company SM540B Datasheet HTML 4Page - Leshan Radio Company SM540B Datasheet HTML 5Page - Leshan Radio Company SM540B Datasheet HTML 6Page - Leshan Radio Company SM540B Datasheet HTML 7Page - Leshan Radio Company SM540B Datasheet HTML 8Page - Leshan Radio Company SM540B Datasheet HTML 9Page - Leshan Radio Company

SM540B Product details

Reverse Voltage 20 to100V Forward Current 5.0A



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* Low power loss,high efficiency

* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications

* Guardring for over voltage protection

* High temperature soldering guaranteed: 260°C/10 seconds at terminals



 




Similar Part No. - SM540B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM540B SECOS-SM540B Datasheet
292Kb / 2P
   5.0AMP Surface Mount Schottky Barrier Rectifiers
SM540B SECOS-SM540B Datasheet
403Kb / 2P
   Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM540B TAYCHIPST-SM540B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SM540B FS-SM540B Datasheet
232Kb / 4P
   SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM540BF AITSEMI-SM540BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
More results


Similar Description - SM540B

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A LRC-SM520A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com