Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS138 Datasheet (PDF) - Fairchild Semiconductor

DM74ALS138 Datasheet PDF - Fairchild Semiconductor
Part # DM74ALS138
Download  DM74ALS138 Download

File Size   66.3 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3 to 8 Line Decoder/Demultiplexer

DM74ALS138 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74ALS138 Datasheet PDF - Fairchild Semiconductor

Part # DM74ALS138
Download  DM74ALS138 Click to download

File Size   66.3 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3 to 8 Line Decoder/Demultiplexer

DM74ALS138 Datasheet (HTML) - Fairchild Semiconductor

DM74ALS138 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS138 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS138 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS138 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS138 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS138 Datasheet HTML 6Page - Fairchild Semiconductor

DM74ALS138 Product details

General Description
These Schottky-clamped circuits are designed to be used in high-performance memory-decoding or data-routing applications, requiring very short propagation delay times. In high-performance memory systems these decoders can be used to minimize the effects of system decoding. When used with high-speed memories, the delay times of these decoders are usually less than the typical access time of the memory. This means that the effective system delay introduced by the decoder is negligible.
The DM74ALS138 decodes one-of-eight lines, based upon the conditions at the three binary select inputs and the three enable inputs. Two active-LOW and one active-HIGH enable inputs reduce the need for external gates or invert ers when expanding. A 24-line decoder can be imple mented with no external inverters, and 32-line decoder requires only one inverter. An enable input can be used as a data input for demultiplexing applications.
This decoder/demultiplexer features fully buffered inputs, presenting only one normalized load to its driving circuit. All inputs are clamped with high-performance Schottky diodes to suppress line-ringing and simplify system design.

Features
■ Designed specifically for high speed:
   Memory decoders
   Data transmission systems
■ 3- to 8-line decoder incorporates 3 enable inputs to
   simplify cascading and/or data reception
■ Low power dissipation…23 mW typ
■ Switching specifications guaranteed
   over full temperature and VCC range
■ Advanced oxide-isolated, ion-implanted Schottky TTL
   process




Similar Part No. - DM74ALS138

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132M NSC-DM74ALS132M Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
DM74ALS132N NSC-DM74ALS132N Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
   13-Input NAND Gate
DM74ALS133M FAIRCHILD-DM74ALS133M Datasheet
43Kb / 4P
   13-Input NAND Gate
More results


Similar Description - DM74ALS138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com