Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX690BTA Datasheet (PDF) - Diodes Incorporated

FCX690BTA Datasheet PDF - Diodes Incorporated
Part # FCX690BTA
Download  FCX690BTA Download

File Size   578.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89

FCX690BTA Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX690BTA Datasheet PDF - Diodes Incorporated

Part # FCX690BTA
Download  FCX690BTA Click to download

File Size   578.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89

FCX690BTA Datasheet (HTML) - Diodes Incorporated

FCX690BTA Datasheet HTML 1Page - Diodes Incorporated FCX690BTA Datasheet HTML 2Page - Diodes Incorporated FCX690BTA Datasheet HTML 3Page - Diodes Incorporated FCX690BTA Datasheet HTML 4Page - Diodes Incorporated FCX690BTA Datasheet HTML 5Page - Diodes Incorporated FCX690BTA Datasheet HTML 6Page - Diodes Incorporated FCX690BTA Datasheet HTML 7Page - Diodes Incorporated

FCX690BTA Product details

Features
• BVCEO > 45V
• IC = 2A high Continuous Collector Current
• ICM up to 6A Peak Pulse Current
• High gain hFE > 400 @ 1A
• 2W Power Dissipation
• Low saturation voltage VCE(sat) < 300mV @ 1A
• Complementary PNP type: FCX790A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FCX690BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX690B KEXIN-FCX690B Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
   45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
More results


Similar Description - FCX690BTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
   45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
   100V NPN high gain transistor in SOT89
ZXTN25012EZ DIODES-ZXTN25012EZ Datasheet
400Kb / 8P
   12V NPN high gain transistor in SOT89
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
   20V NPN high gain transistor in SOT89
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
415Kb / 8P
   100V NPN high gain transistor in SOT89
ZXTN19020DZQ DIODES-ZXTN19020DZQ Datasheet
524Kb / 8P
   20V NPN HIGH GAIN TRANSISTOR IN SOT89
June 2018 Rev. 1 - 2
ZXTN19020DZ DIODES-ZXTN19020DZ Datasheet
423Kb / 8P
   20V NPN high gain transistor in SOT89
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
   45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com