Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2256HV2.2 Datasheet (PDF) - Infineon Technologies AG

PEF2256HV2.2 Datasheet PDF - Infineon Technologies AG
Part # PEF2256HV2.2
Download  PEF2256HV2.2 Download

File Size   6116.4 Kbytes
Page   518 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications

PEF2256HV2.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEF2256HV2.2 Datasheet PDF - Infineon Technologies AG

Part # PEF2256HV2.2
Download  PEF2256HV2.2 Click to download

File Size   6116.4 Kbytes
Page   518 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications

PEF2256HV2.2 Datasheet (HTML) - Infineon Technologies AG


PEF2256HV2.2 Product details

Introduction
The FALC®56 framer and line interface component is designed to fulfill all required interfacing between analog E1/T1/J1 lines and the digital PCM system highway, H.100/H.110 or H-MVIP bus for world market telecommunication systems.

Features
Line Interface
• High-density, generic interface for all E1/T1/J1 applications
• Analog receive and transmit circuits for long-haul and short-haul applications
• E1 or T1/J1 mode selectable
• Data and clock recovery using an integrated digital phase-locked loop
• Maximum line attenuation up to -43 dB at 1024 kHz (E1) and up to -36 dB at 772 kHz (T1/J1)
• Programmable receive equalizer characteristic
• Software-selectable receive line termination
• Programmable transmit pulse shapes for E1 and T1/J1 pulse masks
• Programmable line build-out for CSU signals according to ANSI T1. 403 and FCC68: 0dB, -7.5 dB, -15 dB, -22.5 dB (T1/J1)
• Low transmitter output impedances for high transmit return loss
• Tristate function of the analog transmit line outputs
• Analog switch for redundancy applications
• Transmit line monitor protecting the device from damage
• Receive line monitor mode
• Jitter specifications of ITU-T I.431, G.703, G.736 (E1), G.823 (E1) and AT&T TR62411 (T1/J1) are met
• Crystal-less wander and jitter attenuation/compensation
• Common master clock reference for E1 and T1/J1 (any frequency within 1.02 and 20 MHz)
• Power-down function
• Support of automatic protection switching
• Dual-rail or single-rail digital inputs and outputs
• Unipolar NRZ or CMI for interfacing fiber-optical transmission routes
• Selectable line codes (E1: HDB3, AMI/T1: B8ZS, AMI with ZCS)
• Loss-of-signal indication with programmable thresholds according to ITU-T G.775, ETS300233 (E1) and ANSI T1.403 (T1/J1)
• Optional data stream muting upon LOS detection
• Programmable receive slicer threshold
• Clock generator for jitter-free system/transmit clocks per channel
• Local loop and remote loop for diagnostic purposes
• Low power device
• Single power supply (3.3 V) or dual power supply (3.3 V and 1.8 V)
(Continue ...)




Similar Part No. - PEF2256HV2.2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF2256H INFINEON-PEF2256H Datasheet
6Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
Version 2.1 Oct. 2003
More results


Similar Description - PEF2256HV2.2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2256 INFINEON-PEB2256 Datasheet
5Mb / 490P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 3, Aug. 2002
PEB2255 INFINEON-PEB2255 Datasheet
4Mb / 374P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 1, July 2000
PEF2256H INFINEON-PEF2256H Datasheet
6Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
Version 2.1 Oct. 2003
PEF22554HT INFINEON-PEF22554HT Datasheet
324Kb / 18P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
V 2.1 2003-07-02
PEF22554 INFINEON-PEF22554 Datasheet
914Kb / 30P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
Version 2.1 2002-09-16
PEF22504E INFINEON-PEF22504E Datasheet
7Mb / 255P
   Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.3, Jan. 2006
PEF22508E INFINEON-PEF22508E Datasheet
10Mb / 193P
   Octal E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.0, June 2005
PEF22552 INFINEON-PEF22552 Datasheet
298Kb / 2P
   Two-channel E1/T1/J1 Framer and Line Interface Component
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com