Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS564A Datasheet (PDF) - Fairchild Semiconductor

DM74ALS564A Datasheet PDF - Fairchild Semiconductor
Part # DM74ALS564A
Download  DM74ALS564A Download

File Size   59.13 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Edge-Triggered Flip-Flop with

DM74ALS564A Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74ALS564A Datasheet PDF - Fairchild Semiconductor

Part # DM74ALS564A
Download  DM74ALS564A Click to download

File Size   59.13 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal D-Type Edge-Triggered Flip-Flop with

DM74ALS564A Datasheet (HTML) - Fairchild Semiconductor

DM74ALS564A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 6Page - Fairchild Semiconductor

DM74ALS564A Product details

General Description
These 8-bit registers feature totem-pole 3-STATE outputs designed specifically for driving highly-capacitive or relatively low-impedance loads. The high-impedance state and increased high-logic-level drive provide these registers with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for interface or pull-up components. They are particularly attractive for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers.

Features
■ Switching specifications at 50 pF
■ Switching specifications guaranteed over full temperature and VCC range
■ Advanced oxide-isolated, ion-implanted Schottky TTL process
■ 3-STATE buffer-type outputs drive bus lines directly




Similar Part No. - DM74ALS564A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
DM74ALS563AN FAIRCHILD-DM74ALS563AN Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
DM74ALS563AWM FAIRCHILD-DM74ALS563AWM Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
More results


Similar Description - DM74ALS564A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS534 FAIRCHILD-DM74ALS534 Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
DM74ALS273 FAIRCHILD-DM74ALS273 Datasheet
76Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with Clear
logo
Mitsubishi Electric Sem...
M74LS273P MITSUBISHI-M74LS273P Datasheet
210Kb / 4P
   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
   Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com