Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5205-3.1BM5 Datasheet (PDF) - Micrel Semiconductor

MIC5205-3.1BM5 Datasheet PDF - Micrel Semiconductor
Part # MIC5205-3.1BM5
Download  MIC5205-3.1BM5 Download

File Size   835.01 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Noise LDO Regulator

MIC5205-3.1BM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5205-3.1BM5 Datasheet PDF - Micrel Semiconductor

Part # MIC5205-3.1BM5
Download  MIC5205-3.1BM5 Click to download

File Size   835.01 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Noise LDO Regulator

MIC5205-3.1BM5 Datasheet (HTML) - Micrel Semiconductor

MIC5205-3.1BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5205-3.1BM5 Datasheet HTML 10Page - Micrel Semiconductor

MIC5205-3.1BM5 Product details

General Description  

The MIC5205 is anefficient linear voltage regulatorwith ultra low-noise output, very low dropout voltage (typically 17mV at light loads and 165mV at 150mA), and very low ground current (600⎧A at100mA output). The MIC5205 offers better than 1% initialaccuracy.



Features

•  Ultra-low-noise output

•  High output voltage accuracy

•  Guaranteed 150mA output

•  Low quiescent current

•  Low dropout voltage

•  Extremely tight load and line regulation

•  Very low temperature coefficient

•  Current and thermal limiting

•  Reverse-battery protection

•  “Zero” off-mode current

•  Logic-controlled electronic enable



Applications

•  Cellular telephones

•  Laptop, notebook, and palmtop computers

•  Battery-powered equipment

•  PCMCIA VCC and VPP regulation/switching

•  Consumer/personal electronics

•  SMPS post-regulator/dc-to-dc modules

•  High-efficiency linear power supplies




Similar Part No. - MIC5205-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205-3.1BM5 MICREL-MIC5205-3.1BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.1BM5 MICREL-MIC5205-3.1BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.1BM5 MICREL-MIC5205-3.1BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
More results


Similar Description - MIC5205-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com