Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS1804N Datasheet (PDF) - Fairchild Semiconductor

DM74AS1804N Datasheet PDF - Fairchild Semiconductor
Part # DM74AS1804N
Download  DM74AS1804N Download

File Size   46.27 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex 2-Input NAND Driver

DM74AS1804N Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74AS1804N Datasheet PDF - Fairchild Semiconductor

Part # DM74AS1804N
Download  DM74AS1804N Click to download

File Size   46.27 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex 2-Input NAND Driver

DM74AS1804N Datasheet (HTML) - Fairchild Semiconductor

DM74AS1804N Datasheet HTML 1Page - Fairchild Semiconductor DM74AS1804N Datasheet HTML 2Page - Fairchild Semiconductor DM74AS1804N Datasheet HTML 3Page - Fairchild Semiconductor DM74AS1804N Datasheet HTML 4Page - Fairchild Semiconductor

DM74AS1804N Product details

General Description
These devices contain six independent 2-Input drivers each of which performs the logic NAND function. The DM74AS1804 is equivalent to the DM74AS804B but the supply voltage and ground pins are centered in the package. This positioning of the supply voltage and ground pins reduce the lead inductance of these pins. This reduction of lead inductance will minimize noise generated onto either the supply voltage or ground bus which is significant in high current switching applications.

Features
■ Switching specifications at 50 pF
■ Switching specifications guaranteed over full temperature and VCC range
■ Advanced oxide-isolated, ion-implanted Schottky TTL process
■ Centered VCC and GND configuration provides minimum
   lead inductance for high current switching applications
■ High capacitive drive capability




Similar Part No. - DM74AS1804N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS1805N FAIRCHILD-DM74AS1805N Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS1805WM FAIRCHILD-DM74AS1805WM Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
More results


Similar Description - DM74AS1804N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS804A FAIRCHILD-DM74ALS804A Datasheet
45Kb / 4P
   Hex 2-Input NAND Driver
logo
Texas Instruments
SN74AS1804 TI-SN74AS1804 Datasheet
69Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVER
logo
Fairchild Semiconductor
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
logo
Fairchild Semiconductor
DM74AS1000A FAIRCHILD-DM74AS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Driver
logo
Texas Instruments
SN74AS1808 TI1-SN74AS1808 Datasheet
172Kb / 6P
[Old version datasheet]   HEX 2-INPUT AND DRIVER
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com