Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-1BU2 Datasheet (PDF) - STMicroelectronics

ESDALC6V1-1BU2 Datasheet PDF - STMicroelectronics
Part # ESDALC6V1-1BU2
Download  ESDALC6V1-1BU2 Download

File Size   143.38 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-line low capacitance Transil??for bidirectional ESD protection

ESDALC6V1-1BU2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC6V1-1BU2 Datasheet PDF - STMicroelectronics

Part # ESDALC6V1-1BU2
Download  ESDALC6V1-1BU2 Click to download

File Size   143.38 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-line low capacitance Transil??for bidirectional ESD protection

ESDALC6V1-1BU2 Datasheet (HTML) - STMicroelectronics

Back Button ESDALC6V1-1BU2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 9Page - STMicroelectronics ESDALC6V1-1BU2 Datasheet HTML 10Page - STMicroelectronics Next Button 

ESDALC6V1-1BU2 Product details

Description
The ESDALC6V1-1BU2 is a bidirectional single line TVS diode designed to protect data lines or other I/O ports against ESD transients.
The device is ideal for applications where both reduced line capacitance and board space saving are required.

Features
■ Breakdown voltage VBR = 6.1 V min.
■ Bidirectional device
■ Multiple ESD strike sustainability
■ Very low diode capacitance: 5 pF typ. at 0 V
■ Low leakage current
■ 0201 SMD package size compatible
■ Ultra small PCB area: 0.18 mm2
■ RoHS compliant

Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
■ MSL1

Applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as:
■ Portable multimedia players and accessories
■ Notebooks
■ Digital cameras and camcorders
■ Communication systems
■ Cellular phone handsets and accessories




Similar Part No. - ESDALC6V1-1BU2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BU2 LEIDITECH-ESDALC6V1-1BU2 Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
More results


Similar Description - ESDALC6V1-1BU2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
   Single-line low capacitance Transil??for ESD protection
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
   Single line low capacitance Transil for ESD protection
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
   Single line low capacitance Transil??for ESD protection
June 2014 Rev 1
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
   Single line low capacitance TRANSIL??for ESD protection
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
   Single line low capacitance TRANSIL??for ESD protection
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDAVLC6V1-1BM2 STMICROELECTRONICS-ESDAVLC6V1-1BM2 Datasheet
749Kb / 13P
   Single line low capacitance Transil for ESD protection
ESDALC5-1BM2 STMICROELECTRONICS-ESDALC5-1BM2 Datasheet
205Kb / 14P
   Single line low capacitance Transil??for ESD protection
ESDALC6V1-1U2 STMICROELECTRONICS-ESDALC6V1-1U2 Datasheet
198Kb / 11P
   Single-line low capacitance Transil for ESD protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com