Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR30-AZ Datasheet (PDF) - AIMTEC

AMEPR30-AZ Datasheet PDF - AIMTEC
Part # AMEPR30-AZ_13
Download  AMEPR30-AZ Download

File Size   884.59 Kbytes
Page   14 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 2.5A | AC-DC / DC-DC | LED Driver / Converter

AMEPR30-AZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMEPR30-AZ Datasheet PDF - AIMTEC

Part # AMEPR30-AZ_13
Download  AMEPR30-AZ Click to download

File Size   884.59 Kbytes
Page   14 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 2.5A | AC-DC / DC-DC | LED Driver / Converter

AMEPR30-AZ Datasheet (HTML) - AIMTEC

Back Button AMEPR30-AZ_13 Datasheet HTML 1Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 2Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 3Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 4Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 5Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 6Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 7Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 8Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 9Page - AIMTEC AMEPR30-AZ_13 Datasheet HTML 10Page - AIMTEC Next Button 



Similar Part No. - AMEPR30-AZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
More results


Similar Description - AMEPR30-AZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-AZ AIMTEC-AMEOR30-AZ_16 Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com