Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LS14 Datasheet (PDF) - Fairchild Semiconductor

54LS14 Datasheet PDF - Fairchild Semiconductor
Part # 54LS14
Download  54LS14 Download

File Size   61.55 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Inverter with Schmitt Trigger Inputs

54LS14 Datasheet (PDF)

Go To PDF Page Download Datasheet
54LS14 Datasheet PDF - Fairchild Semiconductor

Part # 54LS14
Download  54LS14 Click to download

File Size   61.55 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Inverter with Schmitt Trigger Inputs

54LS14 Datasheet (HTML) - Fairchild Semiconductor

54LS14 Datasheet HTML 1Page - Fairchild Semiconductor 54LS14 Datasheet HTML 2Page - Fairchild Semiconductor 54LS14 Datasheet HTML 3Page - Fairchild Semiconductor 54LS14 Datasheet HTML 4Page - Fairchild Semiconductor 54LS14 Datasheet HTML 5Page - Fairchild Semiconductor

54LS14 Product details

General Description
This device contains six independent gates each of which performs the logic INVERT function. Each input has hysteresis which increases the noise immunity and transforms a slowly changing input signal to a fast changing, jitter free output.

Supply Voltage 7V
Input Voltage 7V
Operating Free Air Temperature Range 0°C to +70°C
Storage Temperature Range −65°C to +150°C




Similar Part No. - 54LS14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS14 NSC-54LS14 Datasheet
123Kb / 6P
   Hex Inverters with Schmitt Trigger Inputs
logo
Texas Instruments
54LS14 TI-54LS14 Datasheet
131Kb / 8P
[Old version datasheet]   54LS14 Hex Inverters with Schmitt Trigger Inputs
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   Hex Inverters with Schmitt Trigger Inputs
More results


Similar Description - 54LS14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
logo
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
   Hex Inverter with Schmitt Trigger Inputs
logo
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS04 TI-SN74HCS04_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
logo
ON Semiconductor
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com