Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS139 Datasheet (PDF) - Fairchild Semiconductor

74LS139 Datasheet PDF - Fairchild Semiconductor
Part # 74LS139
Download  74LS139 Download

File Size   81.81 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Decoder/Demultiplexer

74LS139 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LS139 Datasheet PDF - Fairchild Semiconductor

Part # 74LS139
Download  74LS139 Click to download

File Size   81.81 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Decoder/Demultiplexer

74LS139 Datasheet (HTML) - Fairchild Semiconductor

74LS139 Datasheet HTML 1Page - Fairchild Semiconductor 74LS139 Datasheet HTML 2Page - Fairchild Semiconductor 74LS139 Datasheet HTML 3Page - Fairchild Semiconductor 74LS139 Datasheet HTML 4Page - Fairchild Semiconductor 74LS139 Datasheet HTML 5Page - Fairchild Semiconductor 74LS139 Datasheet HTML 6Page - Fairchild Semiconductor 74LS139 Datasheet HTML 7Page - Fairchild Semiconductor

74LS139 Product details

General Description
These Schottky-clamped circuits are designed to be used in high-performance memory-decoding or data-routing applications, requiring very short propagation delay times. In high-performance memory systems these decoders can be used to minimize the effects of system decoding. When used with high-speed memories, the delay times of these decoders are usually less than the typical access time of the memory. This means that the effective system delay introduced by the decoder is negligible.

Features
■ Designed specifically for high speed: Memory decoders Data transmission systems
■ DM74LS138 3-to-8-line decoders incorporates 3 enable inputs to simplify cascading and/or data reception
■ DM74LS139 contains two fully independent 2-to-4-line decoders/demultiplexers
■ Schottky clamped for high performance
■Typical propagation delay (3 levels of logic) DM74LS138 21 ns  DM74LS139 21 ns
■ Typical power dissipation   DM74LS138 32 mW   DM74LS139 34 mW




Similar Part No. - 74LS139

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS139 MOTOROLA-74LS139 Datasheet
173Kb / 5P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
74LS139 NSC-74LS139 Datasheet
165Kb / 8P
   Decoders/Demultiplexers
logo
ON Semiconductor
74LS139 ONSEMI-74LS139 Datasheet
115Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS139 TI-74LS139 Datasheet
640Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
74LS139 HITACHI-74LS139 Datasheet
58Kb / 6P
   Dual 2-line-to-4-line Decoders/Demultiplexers
More results


Similar Description - 74LS139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370_06 Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370 MICREL-SY100S370 Datasheet
113Kb / 7P
   UNIVERSAL DEMULTIPLEXER/ DECODER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com