Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25020B-MAHL-T Datasheet (PDF) - ATMEL Corporation

AT25020B-MAHL-T Datasheet PDF - ATMEL Corporation
Part # AT25020B-MAHL-T
Download  AT25020B-MAHL-T Download

File Size   1424.52 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROM

AT25020B-MAHL-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25020B-MAHL-T Datasheet PDF - ATMEL Corporation

Part # AT25020B-MAHL-T
Download  AT25020B-MAHL-T Click to download

File Size   1424.52 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROM

AT25020B-MAHL-T Datasheet (HTML) - ATMEL Corporation

Back Button AT25020B-MAHL-T Datasheet HTML 1Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 2Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 3Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 4Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 5Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 6Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 7Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 8Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 9Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT25020B-MAHL-T Product details

Description
The Atmel® AT25010B/020B/040B provides 1024/2048/4096 bits of serial electrically erasable programmable read-only memory (EEPROM) organized as 128/256/512 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25010B/020B/040B is available in space saving, JEDEC SOIC, UDFN, TSSOP, XDFN and VFBGA packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Data Sheet Describes Mode 0 Operation
• Low-voltage and Standard-voltage Operation
   – VCC = 1.8V to 5.5V
• 20 MHz Clock Rate (5V)
• 8-byte Page Mode
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• Green (Pb/Halogen-free/Rohs Compliant) Packaging Options
• Die Sales: Wafer Form, Waffle Pack, Bumped Wafers




Similar Part No. - AT25020B-MAHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020B-SSHL-B ATMEL-AT25020B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
More results


Similar Description - AT25020B-MAHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com