Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA169P-15AT Datasheet (PDF) - ATMEL Corporation

ATMEGA169P-15AT Datasheet PDF - ATMEL Corporation
Part # ATMEGA169P-15AT
Download  ATMEGA169P-15AT Download

File Size   4877.59 Kbytes
Page   373 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA169P-15AT Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA169P-15AT Datasheet PDF - ATMEL Corporation

Part # ATMEGA169P-15AT
Download  ATMEGA169P-15AT Click to download

File Size   4877.59 Kbytes
Page   373 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA169P-15AT Datasheet (HTML) - ATMEL Corporation

Back Button ATMEGA169P-15AT Datasheet HTML 1Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 2Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 3Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 4Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 5Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 6Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 7Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 8Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 9Page - ATMEL Corporation ATMEGA169P-15AT Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATMEGA169P-15AT Product details

Overview
The ATmega169P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega169P achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
    – 130 Powerful Instructions – Most Single Clock Cycle Execution
    – 32 x 8 General Purpose Working Registers
    – Fully Static Operation
    – Up to 16 MIPS Throughput at 16 MHz
    – On-Chip 2-cycle Multiplier
• Non-volatile Program and Data Memories
    – 16K bytes of In-System Self-Programmable Flash Endurance: 10,000 Write/Erase Cycles
    – Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation
    – 512 bytes EEPROM Endurance: 100,000 Write/Erase Cycles
    – 1K byte Internal SRAM
    – Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
    – Boundary-scan Capabilities According to the JTAG Standard
    – Extensive On-chip Debug Support
    – Programming of Flash, EEPROM, Fuses, and Loc Bits through the JTAG Interface
• Peripheral Features
    – 4 x 25 Segment LCD Driver
    – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
    – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
    – Real Time Counter with Separate Oscillator
    – Four PWM Channels
    – 8-channel, 10-bit ADC
    – Programmable Serial USART
    – Master/Slave SPI Serial Interface
    – Universal Serial Interface with Start Condition Detector
    – Programmable Watchdog Timer with Separate On-chip Oscillator
    – On-chip Analog Comparator
    – Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
    – Power-on Reset and Programmable Brown-out Detection
    – Internal Calibrated Oscillator
    – External and Internal Interrupt Sources
    – Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and Standby
• I/O and Packages
    – 54 Programmable I/O Lines
    – 64-pad TQFP
• Speed Grade:
    – ATmega169P: 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V
• Temperature range:
    – -40°C to 85°C Automotive
• Ultra-Low Power Consumption
    – Active Mode:
        4 MHz, 3.0V: 2.5 mA (Typical value)
        8 MHz, 5.0V: 8 mA (Typical value)
    – Power-down Mode:
        0.4 µA at 5.0V




Similar Part No. - ATMEGA169P-15AT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169P-16AU ATMEL-ATMEGA169P-16AU Datasheet
272Kb / 21P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P-16AU ATMEL-ATMEGA169P-16AU Datasheet
420Kb / 25P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega169P-16AU ATMEL-ATmega169P-16AU Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega169P-16MCH ATMEL-ATmega169P-16MCH Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P-16MCU ATMEL-ATMEGA169P-16MCU Datasheet
420Kb / 25P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA169P-15AT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com