Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMMK-2503 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

VMMK-2503 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # VMMK-2503
Download  VMMK-2503 Download

File Size   235.46 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package

VMMK-2503 Datasheet (PDF)

Go To PDF Page Download Datasheet
VMMK-2503 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-2503
Download  VMMK-2503 Click to download

File Size   235.46 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package

VMMK-2503 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button VMMK-2503 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

VMMK-2503 Product details

Description
Avago’s VMMK-2503 is an easy-to-use broadband, high linearity amplifier in a miniaturized wafer level package (WLP). The wide band and unconditionally stable performance makes this amplifier suitable as a gain block or a transmitter driver in many applications from 1–12GHz. A 5V, 65mA power supply is required for optimal performance.

Features
• 1 x 0.5 mm Surface Mount Package
• Ultrathin (0.25mm)
• Unconditionally Stable
• Ultrawide Bandwidth
• Gain Block or Driver Amplifier
• RoHS6 + Halogen Free

Applications
• 2.4 GHz, 3.5GHz, 5-6GHz WLAN and WiMax notebook computer, access point and mobile wireless applications
• 802.16 & 802.20 BWA systems
• Radar, radio and ECM systems
• UWB




Similar Part No. - VMMK-2503

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2503 AVAGO-VMMK-2503_15 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
More results


Similar Description - VMMK-2503

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2503 AVAGO-VMMK-2503_15 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
Broadcom Corporation.
DEMO-VMMK-2X03 BOARDCOM-DEMO-VMMK-2X03 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2203 AVAGO-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2203 BOARDCOM-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2403 AVAGO-VMMK-2403 Datasheet
768Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2403 BOARDCOM-VMMK-2403 Datasheet
819Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103_15 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com