Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132AMP-1.2G1 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2132AMP-1.2G1 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2132AMP-1.2G1
Download  AP2132AMP-1.2G1 Download

File Size   667.91 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description Peak 3A CMOS LDO Regulator with Enable and Power Good

AP2132AMP-1.2G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2132AMP-1.2G1 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2132AMP-1.2G1
Download  AP2132AMP-1.2G1 Click to download

File Size   667.91 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description Peak 3A CMOS LDO Regulator with Enable and Power Good

AP2132AMP-1.2G1 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AP2132AMP-1.2G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AP2132AMP-1.2G1 Product details

General Description

The AP2132A series are positive voltage regulator ICs fabricated by CMOS process. The ICs consist of a voltage reference, an error amplifier, a power transistor, a resistor network for setting output voltage, a current limit circuit for current protection, and a chip enable circuit.



Features

•  Adjustable Output: 0.6V to 3.0V

• Low Dropout Voltage: 300mV at IOUT=2A, VOUT=1.2V

•  Over Current and Over Temperature Protection

• Enable Pin

•  PSOP-8 Package with Thermal Pad

•  Maximum Output Current: 3A (Peak)

• High Output Voltage Accuracy: 2%

• VOUTPower Good Signal

•  Excellent Line/Load Regulation



Applications

• Notebook




Similar Part No. - AP2132AMP-1.2G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132AMP-1.2G1 DIODES-AP2132AMP-1.2G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results


Similar Description - AP2132AMP-1.2G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com