Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3615 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3615 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3615
Download  AP3615 Download

File Size   776.62 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER

AP3615 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3615 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3615
Download  AP3615 Click to download

File Size   776.62 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER

AP3615 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AP3615 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3615 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AP3615 Product details

General Description
The AP3615 is a step-up DC-DC converter based on 1x/1.5x charge pump and low dropout current sink, which helps it maintain the highest efficiency. The AP3615 is specially designed to drive up to 5 WLEDs in backlight display.
   
Features
• Regulated Output Current with ±3% Matching
• Drives up to 5 WLEDs at 20mA Each
• 16 Steps Brightness Control Using Pulse Signal
    Dimming
• Wide Operating Voltage Range: 2.8V to 5.5V
• High Operating Frequency: 1MHz
• Auto 1x/1.5x Charge Pump Mode Selection
• Built-in Soft-start
• Output Over Voltage Protection
• Built-in UVLO
• Built-in OTSD
• Operating Temperature Range: -40°C to 85°C
   
Applications
• Mobile Phone
• PDA
• MP3/4
   




Similar Part No. - AP3615

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
AP3616 BCDSEMI-AP3616 Datasheet
1Mb / 16P
   SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
More results


Similar Description - AP3615

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
logo
BCD Semiconductor Manuf...
AP3606,7 BCDSEMI-AP3606,7_10 Datasheet
959Kb / 18P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com