Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4306CKTR-E1 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP4306CKTR-E1 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP4306CKTR-E1
Download  AP4306CKTR-E1 Download

File Size   705.6 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER

AP4306CKTR-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4306CKTR-E1 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP4306CKTR-E1
Download  AP4306CKTR-E1 Click to download

File Size   705.6 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER

AP4306CKTR-E1 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AP4306CKTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4306CKTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AP4306CKTR-E1 Product details

General Description
The AP4306 is a highly integrated solution for a constant voltage/constant current mode SMPS application.
   
Features
• Constant Voltage and Constant Current Control
• Precision Internal Voltage Reference
• Low External Component Count
• Easy Compensation
• Low Supply Current: 0.5mA
• Current Control Loop Reference
    A Version: 70mV
    B Version: 100mV
    C Version: 150mV
• Operating Temperature Range: -40 to 105oC
• Operating Supply Voltage: 2.5V to 18V
   
Applications
• Adapters
• Battery Chargers
   




Similar Part No. - AP4306CKTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4306CKTR-E1 DIODES-AP4306CKTR-E1 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Similar Description - AP4306CKTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com