Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74S241N Datasheet (PDF) - Fairchild Semiconductor

DM74S241N Datasheet PDF - Fairchild Semiconductor
Part # DM74S241N
Download  DM74S241N Download

File Size   46.21 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal 3-STATE Buffer/Line Driver/Line Receiver

DM74S241N Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74S241N Datasheet PDF - Fairchild Semiconductor

Part # DM74S241N
Download  DM74S241N Click to download

File Size   46.21 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal 3-STATE Buffer/Line Driver/Line Receiver

DM74S241N Datasheet (HTML) - Fairchild Semiconductor

DM74S241N Datasheet HTML 1Page - Fairchild Semiconductor DM74S241N Datasheet HTML 2Page - Fairchild Semiconductor DM74S241N Datasheet HTML 3Page - Fairchild Semiconductor DM74S241N Datasheet HTML 4Page - Fairchild Semiconductor

DM74S241N Product details

General Description
These buffers/line drivers are designed to improve both the performance and PC board density of 3-STATE buffers/ drivers employed as memory-address drivers, clock drivers, and bus-oriented transmitters/receivers. Featuring 400 mV of hysteresis at each low current PNP data line input, they provide improved noise rejection and high fanout outputs, and can be used to drive terminated lines down to 133Ω.

Features
■ 3-STATE outputs drive bus lines directly
■ PNP inputs reduce DC loading on bus lines
■ Hysteresis at data inputs improves noise margins
■ Typical IOL (sink current) 64 mA
■ Typical IOH (source current) −15 mA
■ Typical propagation delay times
    Inverting 4.5 ns
    Noninverting 6 ns
■ Typical enable/disable times 9 ns
■ Typical power dissipation (enabled)
    Inverting 450 mW
    Noninverting 538 mW




Similar Part No. - DM74S241N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S20 FAIRCHILD-DM74S20 Datasheet
33Kb / 3P
   Dual 4-Input NAND Gate
DM74S20N FAIRCHILD-DM74S20N Datasheet
33Kb / 3P
   Dual 4-Input NAND Gate
logo
National Semiconductor ...
DM74S251 NSC-DM74S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74S253 FAIRCHILD-DM74S253 Datasheet
49Kb / 4P
   Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
DM74S253N FAIRCHILD-DM74S253N Datasheet
49Kb / 4P
   Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
More results


Similar Description - DM74S241N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS240 FAIRCHILD-DM74LS240 Datasheet
72Kb / 7P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74LS244 FAIRCHILD-DM74LS244 Datasheet
65Kb / 6P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
logo
Integral Corp.
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com