Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2512 Datasheet (PDF) - Fairchild Semiconductor

FDC2512 Datasheet PDF - Fairchild Semiconductor
Part # FDC2512
Download  FDC2512 Download

File Size   176.99 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150V N-Channel PowerTrench MOSFET

FDC2512 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC2512 Datasheet PDF - Fairchild Semiconductor

Part # FDC2512
Download  FDC2512 Click to download

File Size   176.99 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150V N-Channel PowerTrench MOSFET

FDC2512 Datasheet (HTML) - Fairchild Semiconductor

FDC2512 Datasheet HTML 1Page - Fairchild Semiconductor FDC2512 Datasheet HTML 2Page - Fairchild Semiconductor FDC2512 Datasheet HTML 3Page - Fairchild Semiconductor FDC2512 Datasheet HTML 4Page - Fairchild Semiconductor FDC2512 Datasheet HTML 5Page - Fairchild Semiconductor

FDC2512 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON) and fast switching speed.

Features
• 1.4 A, 150 V.
   RDS(ON) = 425 mΩ @ VGS = 10 V
   RDS(ON) = 475 mΩ @ VGS = 6 V
• High performance trench technology for extremely
   low RDS(ON)
• Low gate charge (8nC typ)
• High power and current handling capability
• Fast switching speed

Applications
• DC/DC converter




Similar Part No. - FDC2512

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDC2512 KEXIN-FDC2512 Datasheet
2Mb / 4P
   N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
FDC2512 VBSEMI-FDC2512 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
   150V N-Channel Enhancement Mode MOSFET
More results


Similar Description - FDC2512

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 79A, 16m?
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com