Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6330L Datasheet (PDF) - Fairchild Semiconductor

FDC6330L Datasheet PDF - Fairchild Semiconductor
Part # FDC6330L
Download  FDC6330L Download

File Size   185.76 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Integrated Load Switch

FDC6330L Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC6330L Datasheet PDF - Fairchild Semiconductor

Part # FDC6330L
Download  FDC6330L Click to download

File Size   185.76 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Integrated Load Switch

FDC6330L Datasheet (HTML) - Fairchild Semiconductor

FDC6330L Datasheet HTML 1Page - Fairchild Semiconductor FDC6330L Datasheet HTML 2Page - Fairchild Semiconductor FDC6330L Datasheet HTML 3Page - Fairchild Semiconductor FDC6330L Datasheet HTML 4Page - Fairchild Semiconductor FDC6330L Datasheet HTML 5Page - Fairchild Semiconductor FDC6330L Datasheet HTML 6Page - Fairchild Semiconductor FDC6330L Datasheet HTML 7Page - Fairchild Semiconductor

FDC6330L Product details

General Description

This device is particularly suited for compact power management in portable electronic equipment where 3V to 20V input and 2.3A output current capability are needed. This load switch integrates a small N-Channel power MOSFET (Q1) which drives a large P-Channel power MOSFET (Q2) in one tiny SuperSOTTM-6 package.



Features

• VDROP = 0.2V @ VIN = 12V, IL =2.5 A. R(ON) = 0.08 Ω

  VDROP = 0.2V @ VIN = 5V,IL = 1.6 A. R(ON)= 0.125 Ω.

• Control MOSFET (Q1) includes Zener protection for ESD ruggedness (>6kV Human Body Model).

• High performance PowerTrenchTM technology for extremely low on-resistance.

• SuperSOTTM-6 package design using copper lead frame for superior thermal and electrical capabilities.



Applications

• Power management

• Load actuation



 




Similar Part No. - FDC6330L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDC6330L ONSEMI-FDC6330L Datasheet
291Kb / 4P
   Integrated Load Switch
October-2017, Rev. 2
More results


Similar Description - FDC6330L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com