Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC645 Datasheet (PDF) - Fairchild Semiconductor

FDC645 Datasheet PDF - Fairchild Semiconductor
Part # FDC645
Download  FDC645 Download

File Size   313.11 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel PowerTrench MOSFET

FDC645 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC645 Datasheet PDF - Fairchild Semiconductor

Part # FDC645
Download  FDC645 Click to download

File Size   313.11 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel PowerTrench MOSFET

FDC645 Datasheet (HTML) - Fairchild Semiconductor

FDC645 Datasheet HTML 1Page - Fairchild Semiconductor FDC645 Datasheet HTML 2Page - Fairchild Semiconductor FDC645 Datasheet HTML 3Page - Fairchild Semiconductor FDC645 Datasheet HTML 4Page - Fairchild Semiconductor FDC645 Datasheet HTML 5Page - Fairchild Semiconductor FDC645 Datasheet HTML 6Page - Fairchild Semiconductor FDC645 Datasheet HTML 7Page - Fairchild Semiconductor FDC645 Datasheet HTML 8Page - Fairchild Semiconductor

FDC645 Product details

General Description

This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC

converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON)and fast switching speed.



Features

• 5.5 A, 30 V.  RDS(ON)= 30 mΩ@ VGS= 4.5 V

                   RDS(ON)= 26 mΩ@ VGS= 10 V

• High performance trench technology for extremely low RDS(ON)

• Low gate charge (13 nC typical)

• High power and current handling capability




Similar Part No. - FDC645

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC645N FAIRCHILD-FDC645N Datasheet
80Kb / 5P
   N-Channel PowerTrench MOSFET
FDC645N FAIRCHILD-FDC645N_01 Datasheet
80Kb / 5P
   N-Channel PowerTrench MOSFET
More results


Similar Description - FDC645

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com