Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD5614P Datasheet (PDF) - Fairchild Semiconductor

FDD5614P Datasheet PDF - Fairchild Semiconductor
Part # FDD5614P
Download  FDD5614P Download

File Size   81.67 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V P-Channel PowerTrench MOSFET

FDD5614P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD5614P Datasheet PDF - Fairchild Semiconductor

Part # FDD5614P
Download  FDD5614P Click to download

File Size   81.67 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V P-Channel PowerTrench MOSFET

FDD5614P Datasheet (HTML) - Fairchild Semiconductor

FDD5614P Datasheet HTML 1Page - Fairchild Semiconductor FDD5614P Datasheet HTML 2Page - Fairchild Semiconductor FDD5614P Datasheet HTML 3Page - Fairchild Semiconductor FDD5614P Datasheet HTML 4Page - Fairchild Semiconductor FDD5614P Datasheet HTML 5Page - Fairchild Semiconductor FDD5614P Datasheet HTML 6Page - Fairchild Semiconductor

FDD5614P Product details

General Description

This 60V P-Channel MOSFET uses Fairchild’s high voltage PowerTrench process. It has been optimized for power management applications. Applications



Features

• –15 A, –60 V.  RDS(ON)= 100 mΩ@ VGS= –10 V

                     RDS(ON)= 130 mΩ@ VGS= –4.5 V

• Fast switching speed

• High performance trench technology for extremely low RDS(ON)

• High power and current handling capability




Similar Part No. - FDD5614P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P Datasheet
106Kb / 6P
   60V P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD5614P VBSEMI-FDD5614P Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD5614P ISC-FDD5614P Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P_05 Datasheet
106Kb / 6P
   60V P-Channel PowerTrench짰 MOSFET
More results


Similar Description - FDD5614P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9407 FAIRCHILD-NDS9407_02 Datasheet
142Kb / 5P
   60V P-Channel PowerTrench MOSFET
NDS9948 FAIRCHILD-NDS9948_10 Datasheet
265Kb / 6P
   Dual 60V P-Channel PowerTrench??MOSFET
NDS9948 FAIRCHILD-NDS9948_02 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDS9948 ONSEMI-NDS9948 Datasheet
272Kb / 7P
   Dual 60V P-Channel PowerTrench??MOSFET
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
FDC5614P FAIRCHILD-FDC5614P Datasheet
140Kb / 5P
   60V P-Channel Logic Level PowerTrench MOSFET
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com