Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z5V1ST1G Datasheet (PDF) - ON Semiconductor

MM3Z5V1ST1G Datasheet PDF - ON Semiconductor
Part # MM3Z5V1ST1G
Download  MM3Z5V1ST1G Download

File Size   107.37 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio

MM3Z5V1ST1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z5V1ST1G Datasheet PDF - ON Semiconductor

Part # MM3Z5V1ST1G
Download  MM3Z5V1ST1G Click to download

File Size   107.37 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio

MM3Z5V1ST1G Datasheet (HTML) - ON Semiconductor

MM3Z5V1ST1G Datasheet HTML 1Page - ON Semiconductor MM3Z5V1ST1G Datasheet HTML 2Page - ON Semiconductor MM3Z5V1ST1G Datasheet HTML 3Page - ON Semiconductor MM3Z5V1ST1G Datasheet HTML 4Page - ON Semiconductor MM3Z5V1ST1G Datasheet HTML 5Page - ON Semiconductor

MM3Z5V1ST1G Product details

Zener Voltage Regulators 200 mW SOD−323 Surface Mount Tight Tolerance Portfolio

This series of Zener diodes is packaged in a SOD−323 surface mount package that has a power dissipation of 200 mW. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand−held portables, and high density PC boards.

Specification Features:
• Standard Zener Breakdown Voltage Range −2.4 V to 18 V
• Steady State Power Rating of 200 mW
• Small Body Outline Dimensions: 0.067″ x 0.049″ (1.7 mm x 1.25 mm)
• Low Body Height: 0.035″ (0.9 mm)
• Package Weight: 4.507 mg/unit
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Tight Tolerance VZ
• Pb−Free Packages are Available

Mechanical Characteristics:
CASE: Void-free, transfer-molded plastic
FINISH: All external surfaces are corrosion resistant
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260°C for 10 Seconds
LEADS: Plated with Pb−Sn or Sn only (Pb−Free)
POLARITY: Cathode indicated by polarity band
FLAMMABILITY RATING: UL 94 V−0
MOUNTING POSITION: Any




Similar Part No. - MM3Z5V1ST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z5V1ST1G ONSEMI-MM3Z5V1ST1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
June, 2013 ??Rev. 20
MM3Z5V1ST1G ONSEMI-MM3Z5V1ST1G Datasheet
107Kb / 5P
   300 mW SOD??23 Surface Mount Tight Tolerance Portfolio
January, 2014 ??Rev. 22
MM3Z5V1ST1G ONSEMI-MM3Z5V1ST1G Datasheet
68Kb / 5P
   Zener Voltage Regulators
December, 2015 ??Rev. 24
More results


Similar Description - MM3Z5V1ST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMM3Z5V1ST1G ONSEMI-SZMM3Z5V1ST1G Datasheet
107Kb / 5P
   300 mW SOD??23 Surface Mount Tight Tolerance Portfolio
January, 2014 ??Rev. 22
MM3Z3V3ST1 ONSEMI-MM3Z3V3ST1_09 Datasheet
136Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
October, 2009 ??Rev. 16
MM3Z2V4ST1 ONSEMI-MM3Z2V4ST1_07 Datasheet
52Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
February, 2007 ??Rev. 13
logo
Shanghai Leiditech Elec...
LM3Z2V4T1G LEIDITECH-LM3Z2V4T1G Datasheet
631Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM5Z2V0T1G LRC-LM5Z2V0T1G Datasheet
272Kb / 6P
   200 mW SOD??23 Surface Mount
logo
List of Unclassifed Man...
LM3Z2V0T1G ETC2-LM3Z2V0T1G Datasheet
1Mb / 6P
   200 mW SOD??23 Surface Mount
logo
CHENG-YI ELECTRONIC CO....
MM3Z2V4T1 CHENG-YI-MM3Z2V4T1 Datasheet
449Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
MM3Z2V4 LEIDITECH-MM3Z2V4 Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com