Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6692 Datasheet (PDF) - Fairchild Semiconductor

FDD6692 Datasheet PDF - Fairchild Semiconductor
Part # FDD6692
Download  FDD6692 Download

File Size   84.23 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench MOSFET

FDD6692 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6692 Datasheet PDF - Fairchild Semiconductor

Part # FDD6692
Download  FDD6692 Click to download

File Size   84.23 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench MOSFET

FDD6692 Datasheet (HTML) - Fairchild Semiconductor

FDD6692 Datasheet HTML 1Page - Fairchild Semiconductor FDD6692 Datasheet HTML 2Page - Fairchild Semiconductor FDD6692 Datasheet HTML 3Page - Fairchild Semiconductor FDD6692 Datasheet HTML 4Page - Fairchild Semiconductor FDD6692 Datasheet HTML 5Page - Fairchild Semiconductor FDD6692 Datasheet HTML 6Page - Fairchild Semiconductor

FDD6692 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS( ON) and fast switching speed.

Features
• 54 A, 30 V.
   RDS(ON) = 12 mΩ @ VGS = 10 V
   RDS(ON) = 14.5 mΩ @ VGS = 4.5 V
• Low gate charge (18 nC typical)
• Fast switching
• High performance trench technology for extremely low RDS(ON)

Applications
• DC/DC converter
• Motor drives




Similar Part No. - FDD6692

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6692 ISC-FDD6692 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDD6692

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com