Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG6322C Datasheet (PDF) - Fairchild Semiconductor

FDG6322C Datasheet PDF - Fairchild Semiconductor
Part # FDG6322C
Download  FDG6322C Download

File Size   247.78 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N & P Channel Digital FET

FDG6322C Datasheet (PDF)

Go To PDF Page Download Datasheet
FDG6322C Datasheet PDF - Fairchild Semiconductor

Part # FDG6322C
Download  FDG6322C Click to download

File Size   247.78 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N & P Channel Digital FET

FDG6322C Datasheet (HTML) - Fairchild Semiconductor

Back Button FDG6322C Datasheet HTML 1Page - Fairchild Semiconductor FDG6322C Datasheet HTML 2Page - Fairchild Semiconductor FDG6322C Datasheet HTML 3Page - Fairchild Semiconductor FDG6322C Datasheet HTML 4Page - Fairchild Semiconductor FDG6322C Datasheet HTML 5Page - Fairchild Semiconductor FDG6322C Datasheet HTML 6Page - Fairchild Semiconductor FDG6322C Datasheet HTML 7Page - Fairchild Semiconductor FDG6322C Datasheet HTML 8Page - Fairchild Semiconductor FDG6322C Datasheet HTML 9Page - Fairchild Semiconductor FDG6322C Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FDG6322C Product details

General Description
These dual N & P-Channel logic level enhancement mode field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. This device has been designed especially for low voltage applications as a replacement for bipolar digital transistors and small signal MOSFETs. Since bias resistors are not required, this dual digital FET can replace several different digital transistors, with different bias resistor values.
   
Features
■ N-Ch 0.22 A, 25 V, RDS(ON) = 4.0 Ω @ VGS= 4.5 V,
                                   RDS(ON) = 5.0 Ω @ VGS= 2.7 V.
■ P-Ch -0.41 A,-25V, RDS(ON) = 1.1 Ω @ VGS= -4.5V,
                                   RDS(ON) = 1.5 Ω @ VGS= -2.7V.
■ Very small package outline SC70-6.
■ Very low level gate drive requirements allowing direct
    operation in 3 V circuits (VGS(th) < 1.5 V).
■ Gate-Source Zener for ESD ruggedness
    (>6kV Human Body Model).
   




Similar Part No. - FDG6322C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results


Similar Description - FDG6322C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com